PART |
Description |
Maker |
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM45DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
MR53V8052J |
524,288-Word X 16-Bit or 1,048,576-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI electronic componets
|
MR533252J-XXTP MR533252J MR533252J-XXMA |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MSM534052E |
From old datasheet system 262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 262144-Words x 16-bit or 524288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|